Part Number Hot Search : 
IMD2A 1002D 1S2094 EC4A15 FR9214 XMXXX AP03PZ 09Q7V
Product Description
Full Text Search
 

To Download BD2425J50200A00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model BD2425J50200A00 rev a ultra low profile 0805 balun 50 ? to 200 ? balanced description the BD2425J50200A00 is a low profile sub-miniature balanced to unbalanced transformer designed for differential inputs and output locations on next generation wireless chipsets in an easy to use surface mount package covering the gsm frequencies. the BD2425J50200A00 is ideal for high volume manufacturing and is higher performance than traditional ceramic and lumped element baluns. the BD2425J50200A00 has an unbalanced port impedance of 50 ? and a 200 ? balanced port impedance. this transformation enables single ended signals to be applied to differential ports on modern semi conductors. the output ports have equal amplitude (-3db) with 180 degree phase differential. the BD2425J50200A00 is available on tape and reel for pick and place high volume manufacturing. detailed electrical specifications: specifications subject to change without notice. room (25 c) parameter min. typ. max unit frequency 2400 2500 mhz unbalanced port impedance 50 ? balanced port impedance 200 ? return loss 9.5 12.2 db insertion loss* 0.6 0.8 db amplitude balance 0.1 0.5 db phase balance 2 6 degrees cmrr 37 db power handling tbd watts thermal resistance -55 +85 oc / watt features: ? 2400 ? 2400 mhz ? 0.7mm height profile ? 50 ohm to 2 x 100 ohm ? 802.11 b+g +n compliant ? low insertion loss ? input to output dc isolation ? surface mountable ? tape & reel ? non-conductive surface ? rohs compliant operating temperature 800 1000 oc * insertion loss stated at room temperature (insertion loss is approximately 0.1 db higher at +85 oc) outline drawing mechanical outline dimensions are in inches [millimeters] tolerances are non-cumulative .049 .004 [1.25 0.10 ] .079 .004 [2.00 0.10 ] 1 2 3 6 5 4 bottom view (far-side) side view top view (near-side) .027 .002 [0.70 0.05 ] 6x .012 [0.30] + rf gnd pin 3 6 1 2 4 5 designation unbalanced port gnd / dc feed balanced port balanced port gnd nc orientation marker denotes pin location orientation marker denotes pin location .026 [0.65] 6x .009 [0.22] .039 [0.98]
usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. model BD2425J50200A00 rev a typical broadband performance: 0 ghz. to 8.5 ghz. return loss - input -36 -33 -30 -27 -24 -21 -18 -15 -12 -9 -6 -3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] amplitude balance -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] insertion loss -3.6 -3.3 -3 -2.7 -2.4 -2.1 -1.8 -1.5 -1.2 -0.9 -0.6 -0.3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] phase balance -20 -15 -10 -5 0 5 10 15 20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] deg cm rr -40 -35 -30 -25 -20 -15 -10 -5 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db]
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model BD2425J50200A00 rev a typical performance: 2300 mhz. to 2600 mhz. return loss - input -36 -33 -30 -27 -24 -21 -18 -15 -12 -9 -6 -3 0 2300 2350 2400 2450 2500 2550 2600 frequency [mhz] [db] amplitude balance -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 2300 2350 2400 2450 2500 2550 2600 frequency [mhz] [db] insertion loss -3.6 -3.3 -3 -2.7 -2.4 -2.1 -1.8 -1.5 -1.2 -0.9 -0.6 -0.3 0 2300 2350 2400 2450 2500 2550 2600 frequency [mhz] [db] phase balance -20 -15 -10 -5 0 5 10 15 20 2300 2350 2400 2450 2500 2550 2600 frequency [mhz] deg cm rr -40 -35 -30 -25 -20 -15 -10 -5 0 2300 2350 2400 2450 2500 2550 2600 frequency [mhz] [db]
usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. model BD2425J50200A00 rev a mounting configuration: in order for xinger surface mount components to work opti mally, the proper impedance transmission lines must be used to connect to the rf ports. if this condition is not satisfied, insertion loss, isolation and vswr may not meet published specifications. all of the xinger components are constructed from ceramic filled ptfe composites which possess excellent electrical and mechanical stability having x and y thermal coefficient of expansion (cte) of 17 ppm/ o c. an example of the pcb footprint used in the testing of these parts is shown below. an example of a dc-biased footprint is also shown below. in specific designs, t he transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. no bias footprint 0805 standard mounting footprint dimensions are in inches [millimeters] .029 [0.73] 6x .002 [0.05] 6x .011 [0.27] 4x .012 [0.30] plated thru hole to ground 3x transmission line circuit pattern footprint pad (s) solder resist 6x .014 [0.35] part orientation (top view) dc bias footprint dc bias .026 [0.66] 4x .010 [0.25] 6x .013 [0.33] 6x .016 [0.35] part orientation (top view) 0805 dc bias mounting footprint dimensions are in inches [millimeters] 6x .002 [0.05] plated thru hole to ground 3x transmission line circuit pattern footprint pad (s) solder resist
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model BD2425J50200A00 rev a packaging and ordering information parts are available in reel and are packaged per eia 481-2. part s are oriented in tape and reel as shown below. minimum order quantities are 4000 per reel. see model num bers below for further ordering information . b ?a ?c reel dimensions (inches [mm]) ?a b ?c 0.32 [8.0] 2.0 [50.8] 7.00 [177.8] 4000 quantity/reel table 1 ?d 0.512 [13.0] ?d
usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. model BD2425J50200A00 rev a


▲Up To Search▲   

 
Price & Availability of BD2425J50200A00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X